Part Number Hot Search : 
MBR8100 C18F25 D45D4 LD5000R PA1007 BA541 U5021M05 LM336BAP
Product Description
Full Text Search
 

To Download PDM41028LA10TSOITR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 2.2 - 4/29/98 1 1 2 3 4 5 6 7 8 9 10 11 12 features n high speed access times com?: 10, 12 and 15 ns ind?: 12 and 15 ns n low power operation (typical) - pdm41028sa active: 400 mw standby: 150 mw - pdm41028la active: 350 mw standby: 100 mw n single +5v ( 10%) power supply n ttl-compatible inputs and outputs n packages plastic soj (300 mil) - tso plastic soj (400 mil) - so description the pdm41028 is a high-performance cmos static ram organized as 262,144 x 4 bits. writing to this device is accomplished when the write enable (we ) and the chip enable (ce ) inputs are both low. reading is accomplished when we remains high and ce and oe are both low. the pdm41028 operates from a single +5v power supply and all the inputs and outputs are fully ttl- compatible. the pdm41028 comes in two versions, the standard power version pdm41028sa and a low power version the pdm41028la. the two versions are functionally the same and only differ in their power consumption. the pdm41028 is available in a 28-pin 300-mil soj, and a 28-pin 400-mil soj for surface mount applications. a ? ? ? ? ? a 0 17 i/o i/o i/o i/o 0 1 2 3 ce ? ? ? ? ? ? addresses decoder memory matrix input data control column i/o oe we functional block diagram pdm41028 1 megabit static ram 256k x 4-bit
pdm41028 2 rev. 2.2 - 4/29/98 absolute maximum ratings (1) note: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this speci?ation is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. appropriate thermal calculations should be performed in all cases and speci?ally for those where the chosen package has a large thermal resistance (e.g., tsop). the cal- culation should be of the form : t j = t a + p * q ja where t a is the ambient temperature, p is average operating power and q ja the thermal resistance of the package. for this product, use the following q ja values: soj: 76 o c/w tsop: 100 o c/w symbol rating coml. ind. unit v term terminal voltage with respect to v ss ?.5 to +7.0 ?.5 to +7.0 v t bias temperature under bias ?5 to +125 ?5 to +135 c t stg storage temperature ?5 to +125 ?5 to +150 c p t power dissipation 1.0 1.0 w i out dc output current 50 50 ma t j maximum junction temperature (2) 125 145 c pin con?uration 1 2 3 4 5 6 7 8 9 10 11 12 15 16 17 18 19 20 21 22 23 24 a7 a8 a9 a10 a11 a12 a13 a14 a15 a16 a17 ce oe vss vcc a6 a5 a4 a3 a2 a1 a0 nc i/o3 i/o2 i/o1 i/o0 we 13 14 25 26 27 28 pin description name description a17-a0 address inputs i/o3-i/o0 data inputs/outputs oe output enable input we write enable input ce chip enable input nc no connect v cc power (+5v) v ss ground truth table (1) note: 1. h = v ih , l = v il , x = don? care oe we ce i/o mode x x h hi-z standby lhld out read xlld in write h h l hi-z output disable soj
pdm41028 rev. 2.2 - 4/29/98 3 1 2 3 4 5 6 7 8 9 10 11 12 recommended dc operating conditions dc electrical characteristics (v cc = 5.0v 10%) note: 1. v il (min) = ?.0v for pulse width less than 20 ns power supply characteristics shaded area = preliminary data notes: all values are maximum guaranteed values. v lc 0.2v, v hc 3 v cc ?0.2v symbol parameter min. typ. max. unit v cc supply voltage 4.5 5.0 5.5 v v ss supply voltage 0 0 0 v industrial ambient temperature ?0 25 85 c commercial ambient temperature 0 25 70 c pdm41028sa pdm41028la unit symbol parameter test conditions min. max. min. max. i li input leakage current v cc = max., v in = v ss to v cc com?/ ind. 5555 m a i lo output leakage current v cc = max., ce = v ih , v out = v ss to v cc com?/ ind. 5555 m a v il input low voltage ?.5 (1) 0.8 ?.5 (1) 0.8 v v ih input high voltage 2.2 6.0 2.2 6.0 v v ol output low voltage i ol = 8 ma, v cc = min. i ol = 10 ma, v cc = min. 0.4 0.5 0.4 0.5 v v v oh output high voltage i oh = ? ma, v cc = min. 2.4 2.4 v -10 -12 -15 symbol parameter power coml. coml ind. coml ind. unit i cc operating current ce = v il , sa 250 230 240 185 195 ma f = f max = 1/t rc v cc = max. i out = 0 ma la 230 210 220 165 175 ma i sb standby current ce = v ih sa 80 70 70 55 55 ma f = f max = 1/t rc v cc = max. la 75 65 65 50 50 ma i sb1 full standby current ce 3 v hc sa 20 15 25 10 15 ma f = 0 v cc = max., v in 3 v cc ?0.2v or 0.2v la 10 10 10 5 10 ma
pdm41028 4 rev. 2.2 - 4/29/98 capacitance (1) (t a = +25 c, f = 1.0 mhz) note:1. this parameter is determined by device characterization but is not production tested. ac test conditions symbol parameter max. unit c in input capacitance 8 pf c out output capacitance 8 pf input pulse levels v ss to 3.0v input rise and fall times 3 ns input timing reference levels 1.5v output reference levels 1.5v output load see figures 1 and 2 figure 1. output load equivalent figure 2. output load equivalent (for t lzce , t hzce , t lzwe , t hzwe , t lzoe , t hzoe ) +5v 480 w 255 w d out 5 pf +5v 480 w 255 w d out 30 pf figure 4. 5 4 3 2 1 0 0 30 60 90 120 typical delta t aa vs capacitive loading additional lumped capacitive loading (pf) delta t aa - ns
pdm41028 rev. 2.2 - 4/29/98 5 1 2 3 4 5 6 7 8 9 10 11 12 read cycle no. 1 (4, 5) read cycle no. 2 (2, 4, 6) ac electrical characteristics shaded area = preliminary data notes referenced are after data retention table. description -10 (7) -12 (7) -15 read cycle sym min. max. min. max. min. max. units read cycle time t rc 10 12 15 ns address access time t aa 10 12 15 ns chip enable access time t ace 10 12 15 ns output hold from address change t oh 3 33ns chip enable to output in low z (1,3) t lzce 5 55ns chip disable to output in high z (1,2,3) t hzce 667ns chip enable to power up time (3) t pu 0 00ns chip disable to power down time (3) t pd 10 12 15 ns output enable access time t aoe 666ns output enable to output in low z (1,3) t lzoe 0 00ns output disable to output in high z (1,3) t hzoe 666ns t rc t aa t oh previous data valid d out addr data valid t rc t ace t aa t lzce t hzce t lzoe t hzoe t aoe addr ce oe d out data valid
pdm41028 6 rev. 2.2 - 4/29/98 write cycle no. 1 (write enable controlled) write cycle no. 2 (write enable controlled) write cycle no. 3 (chip enable controlled) t wc t aw t cw t wp2 t as t ah t ds t dh t lzwe t hzwe addr ce we d out high-z high-z d in data valid note: output enable (oe ) is inactive (high) t wc t aw t wp1 t cw t ah t as t dh t ds addr ce we d out high-z d in data valid t wc t aw t as t wp1 t cw t ds t dh t ah addr ce we d out high-z d in data valid
pdm41028 rev. 2.2 - 4/29/98 7 1 2 3 4 5 6 7 8 9 10 11 12 ac electrical characteristics shaded area = preliminary data notes referenced are after data retention table low v cc data retention waveform data retention electrical characteristics (la version only) notes: (for three previous electrical characteristics tables) 1. the parameter is tested with cl = 5 pf as shown in figure 2. transition is measured 200 mv from steady state voltage. 2. at any given temperature and voltage condition, t hzce is less than t lzce . 3. this parameter is sampled. 4. we is high for a read cycle. 5. the device is continuously selected. chip enable is held in its active state. 6. the address is valid prior to or coincident with the latest occuring chip enable. 7. vcc = 5v 5%. description -10 (7) -12 (7) -15 write cycle sym min. max. min. max. min. max. units write cycle time t wc 10 12 15 ns chip enable active time t cw 10 10 11 ns address valid to end of write t aw 10 10 11 ns address setup time t as 0 00ns address hold from end of write t ah 0 00ns write pulse width t wp1 9 10 11 ns write pulse width t wp2 10 11 12 ns data setup time t ds 7 77ns data hold time t dh 0 00ns write disable to output in low z (1,3) t lzwe 0 00ns write enable to output in high z (1,3) t hzwe 777ns symbol parameter test conditions min. typ. max. unit v dr vcc for retention data 2 v i ccdr data retention current ce 3 v cc ?0.2v v in 3 v cc ?0.2v or 0.2v v cc = 2v 500 m a v cc = 3v 750 m a t cdr chip deselect to data retention time 0 ns t r (3) operation recovery time t rc ns don't care v cc v v ih il t cdr v t r 4.5v 4.5v data retention mode ce dr v dr
pdm41028 8 rev. 2.2 - 4/29/98 ordering information device type power speed package type process temp. range preferred shipping container commercial (0 to +70 c) industrial (?0 c to +85 c) 10 12 15 sa standard power la low power blank i a automotive ( ?0 c to +105 c) blank tubes tr tape & reel ty tray pdm41028 - (256kx4) static ram xxxxx x xx x x x tso 28-pin 300-mil plastic soj so 28-pin 400-mil plastic soj commercial only (use 15ns for slower designs.) faster memories for a faster world


▲Up To Search▲   

 
Price & Availability of PDM41028LA10TSOITR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X